Part Number Hot Search : 
CP20147H 28F16 LVC2G0 30N3200 PT800M SSW524 QK016LH3 M4744
Product Description
Full Text Search
 

To Download IRS2181PBFIRS2181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60262
IRS2181/IRS21814(S)PbF
Features
* * * * * * * * * * *
HIGH AND LOW SIDE DRIVER
Packages
8-Lead PDIP IRS2181 14-Lead PDIP IRS21814
Floating channel designed for bootstrap operation Fully operational to +600 V Tolerant to negative transient voltage, dV/dt immune Gate drive supply range from 10 V to 20 V Undervoltage lockout for both channels 3.3 V and 5 V input logic compatible Matched propagation delay for both channels Logic and power ground +/- 5 V offset Lower di/dt gate driver for better noise immunity Output source/sink current capability 1.4 A/1.8 A RoHS compliant
8-Lead SOIC IRS2181S
14-Lead SOIC IRS21814S
Description
Feature Comparison CrossThe IRS2181/IRS21814 are high ton/toff Deadtime Input conduction Ground Pins Part voltage, high speed power MOSFET (ns) (ns) logic prevention logic and IGBT drivers with independent 2181 COM HIN/LIN no none 180/220 high-side and low-side referenced 21814 VSS/COM output channels. Proprietary HVIC 2183 Internal 400 COM HIN/LIN yes 180/220 21834 Program 400-5000 VSS/COM and latch immune CMOS technolo2184 Internal 400 COM IN/SD yes 680/270 gies enable ruggedized monolithic 21844 Program 400-5000 VSS/COM construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.
Typical Connection
up to 600 V V CC
VCC
HIN LIN
VB HO VS LO
TO LOAD
HIN LIN COM
IRS2181 IRS21814
HO VCC
HIN LIN
up to 600 V
VCC HIN LIN
VB VS TO LOAD
(Refer to Lead Assignments for correct pin configuration). These diagrams show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
VSS
VSS
COM LO
www.irf.com
1
IRS2181/IRS21814(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VLO VIN VSS dVS/dt
Definition
High-side floating absolute voltage High-side floating supply offset voltage High-side floating output voltage Low-side and logic fixed supply voltage Low-side output voltage Logic input voltage (HIN & LIN) Logic ground (IRS21814 only) Allowable offset supply voltage transient (8-lead PDIP)
Min.
-0.3 VB - 20 VS - 0.3 -0.3 -0.3 VSS - 0.3 VCC - 20 -- -- -- -- -- -- -- -- -- -- -50 --
Max.
620 (Note 1) VB + 0.3 VB + 0.3 20 (Note 1) VCC + 0.3 VCC + 0.3 VCC + 0.3 50 1.0 0.625 1.6 1.0 125 200 75 120 150 150 300
Units
V
V/ns
PD
Package power dissipation @ TA +25 C
(8-lead SOIC) (14-lead PDIP) (14-lead SOIC) (8-lead PDIP) (8-lead SOIC) (14-lead PDIP) (14-lead SOIC)
W
RthJA
Thermal resistance, junction to ambient
C/W
TJ TS TL
Junction temperature Storage temperature Lead temperature (soldering, 10 seconds)
C
Note 1: All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply.
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at a 15 V differential.
Symbol
VB VS VHO VCC VLO VIN VSS TA
Definition
High-side floating supply absolute voltage High-side floating supply offset voltage High-side floating output voltage Low-side and logic fixed supply voltage Low-side output voltage Logic input voltage (HIN & LIN) Logic ground (IRS21814 only) Ambient temperature
Min.
VS + 10 Note 2 VS 10 0 VSS -5 -40
Max.
VS + 20 600 VB 20 VCC VCC 5 125
Units
V
C
Note 2: Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
www.irf.com
2
IRS2181/IRS21814(S)PbF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, CL = 1000 pF, TA = 25 C.
Symbol
ton toff MT tr tf
Definition
Turn-on propagation delay Turn-off propagation delay Delay matching, HS & LS turn-on/off Turn-on rise time Turn-off fall time
Min.
-- -- -- -- --
Typ.
180 220 0 40 20
Max. Units Test Conditions
270 330 35 60 35 ns VS = 0 V VS = 0 V VS = 0 V or 600 V
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM and TA = 25 C unless otherwise specified. The VIL, VIH, and IIN parameters are referenced to VSS/COM and are applicable to the respective input leads HIN and LIN. The VO, IO, and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
VIH VIL VOH VOL ILK IQBS IQCC IIN+ IINVCCUV+ VBSUV+ VCCUVVBSUVVCCUVH VBSUVH IO+ IO-
Definition
Logic "1" input voltage Logic "0" input voltage High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current VCC and VBS supply undervoltage positive going threshold VCC and VBS supply undervoltage negative going threshold Hysteresis Output high short circuit pulsed current Output low short circuit pulsed current
Min. Typ. Max. Units Test Conditions
2.5 -- -- -- -- 20 50 -- -- 8.0 7.4 0.3 1.4 1.8 -- -- -- -- -- 60 120 25 -- 8.9 8.2 0.7 1.9 2.3 -- 0.8 1.4 0.2 50 150 240 60 5.0 9.8 V 9.0 -- -- A -- VO = 0 V, PW 10 s VO = 15 V, PW 10 s A V IO = 0 A IO = 20 mA VB = VS = 600 V VIN = 0 V or 5 V VIN = 5 V VIN = 0 V VCC = 10 V to 20 V
www.irf.com
3
IRS2181/IRS21814(S)PbF
Functional Block Diagrams
VB
2181
HIN
VSS/COM LEVEL SHIFT HV LEVEL SHIFTER PULSE GENERATOR
UV DETECT R PULSE FILTER R S Q
HO
VS
VCC
UV DETECT
LO
LIN
VSS/COM LEVEL SHIFT
DELAY
COM
VB
21814
HIN
VSS/COM LEVEL SHIFT HV LEVEL SHIFTER PULSE GENERATOR
UV DETECT R PULSE FILTER R S Q
HO
VS
VCC
UV DETECT
LO
LIN
VSS/COM LEVEL SHIFT
DELAY
COM
VSS
www.irf.com
4
IRS2181/IRS21814(S)PbF
Lead Definitions
Symbol Description
HIN LIN VSS VB HO VS VCC LO COM Logic input for high-side gate driver output (HO), in phase (IRS2181/IRS21814) Logic input for low-side gate driver output (LO), in phase (IRS2181/IRS21814) Logic ground (IRS21814 only) High-side floating supply High-side gate drive output High-side floating supply return Low-side and logic fixed supply Low-side gate drive output Low-side return
Lead Assignments
1 2 3 4
HIN LIN COM LO
VB HO VS VCC
8
7 6 5
1 2 3 4
HIN LIN COM LO
VB HO VS VCC
8
7 6 5
8-Lead PDIP
8-Lead SOIC
IRS2181PbF
IRS2181SPbF
1 2 3 4 5 6 7
HIN LIN VSS VB HO VS COM LO VCC
14
13
1 2 3
HIN LIN VSS VB HO VS COM LO VCC
14
13 12 11 10 9 8
12 4 11 5 10 6 9 7 8
14-Lead PDIP
14-Lead SOIC
IRS21814PbF
www.irf.com
IRS21814SPbF
5
IRS2181/IRS21814(S)PbF
HIN LIN
HIN LIN
ton
50%
50%
tr 90%
toff 90%
tf
HO LO
Figure 1. Input/Output Timing Diagram
HO LO
10%
10%
Figure 2. Switching Time Waveform Definitions
HIN LIN
50%
50%
LO
HO
10%
MT 90%
MT
LO
HO
Figure 3. Delay Matching Waveform Definitions
www.irf.com
6
IRS2181/IRS21814(S)PbF
Turn-On Propagation Delay (ns)
400 300
M ax.
Turn-On Propagation Delay (ns)
500
500
400
M ax.
300
Typ.
200
Typ.
200
100 0 -50
1 00
-25
0
25
50
75
100
125
0 1 0 1 2 1 4 1 6 1 8 20
Temperature ( oC) Figure 4A. Turn-On Propagation Delay vs. Tem perature
Supply Voltage (V) Figure 4B. Turn-On Propagation Delay vs. Supply Voltage
Turn-Off Propagation Delay (ns)
Turn-Off Propagation Delay (ns)
600 500 400 300 200
M ax.
600 500 400 300 200 1 00 0 1 0 1 2 1 4 1 6 1 8 20
M ax.
Typ.
Typ.
100 -50
-25
0
25
50
o
75
100
125
Temperature ( C) Figure 5A. Turn-Off Propagation Delay vs. Temperature
Supply Voltage (V) Figure 5B. Turn-Off Propagation Delay vs. Supply Voltage
www.irf.com
7
IRS2181/IRS21814(S)PbF
120
Turn-On Rise Time (ns)
120
100 80 60 40 20 0 -50 -25 0 25 50 75 100 125
Max Typ.
Turn-On Rise Time (ns)
100 80 60 40 20 0 10 12 14 16 18 20
Max.
Typ.
Temperature ( oC) Figure 6A. Turn-On Rise Tim e vs. Tem perature
Supply Voltage (V) Figure 6B. Turn-On Rise Tim e vs. Supply Voltage
80
Turn-Off Fall Time (ns)
80
60 40
Max.
Turn-Off Fall Time (ns)
60
Max.
40
Typ.
20 0 -50
Typ
20
-25
0
25
50
o
75
100
125
0 10 12 14 16 18 20
Temperature ( C) Figure 7A. Turn-Off Fall Tim e vs. Tem perature
Supply Voltage (V) Figure 7B. Turn-Off Fall Tim e vs. Supply Voltage
www.irf.com
8
IRS2181/IRS21814(S)PbF
6 Input Voltage (V) Input Voltage (V) -25 0 25 50 (o 75 100 125 5 4 3 2 1 0 -50
Min.
6 5 4 3 2 1 0 10 12 14 16 18 20 Temperature C) Figure 8A. Logic "1" Input Voltage vs. Tem perature
Min.
V BAIS Supply Voltage (V) Figure 8B. Logic "1" Input oltage vs. Supply Voltage
6 Logic "0" Input Voltage (V) 5 4 3 2
M ax.
6 Logic "0" Input Voltage (V) 5 4 3 2
M ax.
1 0 -50
1 0
-25
0
25
50
75
100
125
10
12
14
16
18
20
Temperature (oC) Figure 9A. Logic "0" Input Voltage vs. Temperature
Supply Voltage (V) Figure 9B. Logic "0" Input Voltage vs. Supply Voltage
www.irf.com
9
IRS2181/IRS21814(S)PbF
High Level Output Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0 -50
High Level Output Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0 10 12 14 16 18 20 V BAIS Supply Voltage (V) Figure 10B. High Level Output Voltage vs. Su pply Voltage (Io = 0 mA)
Max.
M ax
-25
0
25
50
75
100
125
Temperature (oC) Figure 10A. High Level Output Voltage vs. Te mperature (Io = 0 mA)
0.5 Low Level Output (V) Low Level Output (V) 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50
o
0.5 0.4 0.3 0.2 0.1 0.0 75 100 125 10 12 14 16 18 20 Supply Voltage (V) Figure 11B. Low Level Output vs. Supply Voltage
Max.
Max.
Temperature ( C) Figure 11A. Low Level Output vs. Tem perature
www.irf.com
10
IRS2181/IRS21814(S)PbF
Offset Supply Leakage Current ( A)
500 400 300 200 100
Max.
Offset Supply Leakage Current (A)
500
400
300
200
100
Max.
0 -50
0 100 200 300 400 500 600
-25
0
25
50
75
100
125
Temperature ( oC) Figure 12A. Offset Supply Leakage Current vs. Tem perature
V B Boost Voltage (V) Figure 12B. Offset Supply Leakage Current vs. V B Boost Voltage
250 V BS Supply Current (A) 200
Max.
250
V BS Supply Current (A)
200
150 100 50 0 -50
Typ.
150
Max.
100
Typ.
Mi n.
50
Mi n.
-25
0
25
50
o
75
100
125
0 10 12 14 16 18 20
Temperature ( C) Figure 13A. V BS Supply Current vs. Tem perature
V BS Floating Supply Voltage (V) Figure 13B. V BS Supply Current vs. V BS Floating Supply Voltage
www.irf.com
11
IRS2181/IRS21814(S)PbF
500 400 300
Max.
500
V CC Supply Current (A)
V CC Supply Current (A)
400
300
Max.
200
Typ.
200
Typ.
100
Mi n.
100
Min.
0 -50
-25
0
25
50
75
100
125
0 10 12 14 16 18 20
Temperature ( oC) Figure 14A. V CC Supply Current vs. V CC Temperature
V CC Supply Voltage (V) Figure 14B. V CC Supply Current vs. V CC Supply Voltage
Logic "1" Input Bias Current (A)
120 100 80 60 40 20 0 -50
Max. Typ.
Logic "1" Input Bias Current (A)
120 100 80 60
Max.
40
Typ.
20 0 10 12 14 16 18 20
-25
0
25
50
75
100
125
Temperature ( oC) Figure 15A. Logic "1" Input Bias Current vs. Tem perature
Supply Voltage (V) Figure 15B. Logic "1" Input Bias Current vs. Supply Voltage
www.irf.com
12
IRS2181/IRS21814(S)PbF
Logic "0" Input Bias Current (A)
Lo gic "0" Input Bias Current (A)
6 5 4 3 2 1 0 -50 Max
6 5 4 3 2 1 0 10 12 14 16 18 20 Supply Voltage (V) Max
-25
0
25
50
75
100
125
Temperature (C)
Figure 16A. Logic "0" Input Bias Current vs. Temperature
Figure 16B. Logic "0" Input Bias Current vs. Voltage
V CC and VBS UV Threshold (+) (V)
12 11 10 9 8 7 6 -50
Max. Typ. Min.
V CC and VB S UV T hres hold ( -) (V)
12 11 10
Max.
9
Typ.
8
Min.
7 6 -50
-25
0
25
50
o
75
100
125
-25
0
25
50
o
75
100
125
Temperature ( C) Figure 17. VCC and VBS Undervoltage Threshold (+) vs. Temperature
Temperature ( C) Figure 18. VCC and VBS Undervoltage Threshold (-) vs. Temperature
www.irf.com
13
IRS2181/IRS21814(S)PbF
5 Output Source Current (A) 4 3
Typ.
5 Output Source Current (A) -25 0 25 50 75 100 125 4 3 2
Typ.
2 1 0 -50
Mi n.
1
Mi n.
0 10 12 14 16 18 20 Temperature (oC) Figure 19A. Output Source Current vs. Temperature Supply Voltage (V) Figure 19B. Output Source Current vs. Supply Voltage
5.0 Output Sink Current (A)
5 Output Sink Current (A)
-25 0 25 50 75 100 125
4.0 3.0 2.0
Mi n.
4 3 2 1 0 10 12 14 16 18 20
Typ.
Typ.
Mi n.
1.0 -50
Temperature (oC) Figure 20A. Output Sink Current vs. Temperature
Supply Voltage (V) Figure 20B. Output Sink Current vs. Supply Voltage
www.irf.com
14
IRS2181/IRS21814(S)PbF
140 120 Temprature (oC) 100 80 60 40
140 V 70 V 0V
1 40
1 20
Temprature (oC)
1 00
140 V
80
70 V 0V
60
40
20 1 10 100 1000
20 1 1 0 1 00 1 000
Frequency (kHz) Figure 21. IRS2181 vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
Frequency (kHz) Figure 22. IRS2181 vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
140 120 Temperature (oC) Temperature (oC) 100
140 V
140 120 100 80 60 40 20 1 10 100 1000 1 10 100
140 V 70 V 0V
80 60 40 20 Frequency (kHz)
70 V 0V
1000
Frequency (kHz) Figure 24. IRS2181 vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
Figure 23. IRS2181 vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V
www.irf.com
15
IRS2181/IRS21814(S)PbF
140 Temperature (oC) Temperature (oC) 120 100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 25. IRS21814 vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
140 V 70 V 0V
140 120 100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 26. IRS21814 vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
140 V 70 V 0V
140 120 Temperature (oC) Temperature (oC) 100
140 V
140 120 100 80 60 40 20 1 10 100 1000 1 10 100
140 V
70 V
0V
80 60 40 20 Frequency (kHz)
70 V 0V
1000
Frequency (kHz) Figure 28. IRS21814 vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
Figure 27. IRS21814 vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V
www.irf.com
16
IRS2181/IRS21814(S)PbF
140 120 Temperature (oC) 100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 29. IRS2181S vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
140 V 70 V 0V
140 120 Temperature (oC)
140 V
100 80 60 40 20 1 10 100
70 V 0V
1000
Frequency (kHz) Figure 30. IRS2181S vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
140 120 Temperature (oC)
140 V 70 V
140 120 Tempreture (oC)
140 V 70 V 0 V
0V
100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 31. IRS2181S vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V
100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 32. IRS2181S vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
www.irf.com
17
IRS2181/IRS21814(S)PbF
140 120 Temperature (oC) 100 80 60 40 20 1 10 100 1000
140 V 70 V 0V
1 40
1 20
Temperature (oC)
1 00
80
140 V 70 V 0V
60
40
20 1 1 0 1 00 1 000
Frequency (kHz) Figure 33. IRS21814S vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
Frequency (kHz) Figure 34. IRS21814S vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
140 120 Temperature (oC) 100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 35. IRS21814S vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V Temperature (oC)
140 V 70 V 0V
140 120 100 80 60 40 20 1 10 100
140 V 70 V 0V
1000
Frequency (kHz) Figure 36. IRS21814S vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
www.irf.com
18
IRS2181/IRS21814(S)PbF
Case outlines
8-Lead PDIP
D A 5 B
FOOTPRINT 8X 0.72 [.028]
01-6014 01-3003 01 (MS-001AB)
DIM A b c D
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
E
6.46 [.255]
1
2
3
4
e e1 H K L
8X 1.78 [.070]
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e e1
3X 1.27 [.050]
y
A C 0.10 [.004] y
K x 45
8X b 0.25 [.010]
A1 CAB
8X L 7
8X c
NOTES: 1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONTROLLING DIMENSION: MILLIMETER 3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE C ONFORMS TO JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE.
8-Lead SOIC
www.irf.com
01-6027 01-0021 11 (MS-012AA)
19
IRS2181/IRS21814(S)PbF
14-Lead PDIP
01-6010 01-3002 03 (MS-001AC)
14-Lead SOIC (narrow body)
www.irf.com
01-6019 01-3063 00 (MS-012AB)
20
IRS2181/IRS21814(S)PbF
Tape & Reel 8-lead SOIC
LOAD ED TA PE FEED DIRECTION
B
A
H
D F C
N OT E : CO NTROLLING D IM ENSION IN MM
E G
C A R R I E R T A P E D IM E N S I O N F O R 8 S O I C N M etr ic Im p er i al Co d e M in M ax M in M ax A 7 .9 0 8.1 0 0. 31 1 0 .3 18 B 3 .9 0 4.1 0 0. 15 3 0 .1 61 C 11 .7 0 1 2. 30 0 .4 6 0 .4 84 D 5 .4 5 5.5 5 0. 21 4 0 .2 18 E 6 .3 0 6.5 0 0. 24 8 0 .2 55 F 5 .1 0 5.3 0 0. 20 0 0 .2 08 G 1 .5 0 n/ a 0. 05 9 n/ a H 1 .5 0 1.6 0 0. 05 9 0 .0 62
F
D C E B A
G
H
R E E L D IM E N S I O N S F O R 8 S O IC N M etr ic Im p er i al Co d e M in M ax M in M ax A 32 9. 60 3 30 .2 5 1 2 .9 76 13 .0 0 1 B 20 .9 5 2 1. 45 0. 82 4 0 .8 44 C 12 .8 0 1 3. 20 0. 50 3 0 .5 19 D 1 .9 5 2.4 5 0. 76 7 0 .0 96 E 98 .0 0 1 02 .0 0 3. 85 8 4 .0 15 F n /a 1 8. 40 n /a 0 .7 24 G 14 .5 0 1 7. 10 0. 57 0 0 .6 73 H 12 .4 0 1 4. 40 0. 48 8 0 .5 66
www.irf.com
21
IRS2181/IRS21814(S)PbF
Tape & Reel 14-lead SOIC
LOAD ED TA PE FEED DIRECTION
B
A
H
D F C
N OT E : CO NTROLLING D IM ENSION IN MM
E G
C A R R I E R T A P E D IM E N S I O N F O R 1 4 S O IC N M etr ic Im p er i al Co d e M in M ax M in M ax A 7 .9 0 8.1 0 0. 31 1 0 .3 18 B 3 .9 0 4.1 0 0. 15 3 0 .1 61 C 15 .7 0 1 6. 30 0. 61 8 0 .6 41 D 7 .4 0 7.6 0 0. 29 1 0 .2 99 E 6 .4 0 6.6 0 0. 25 2 0 .2 60 F 9 .4 0 9.6 0 0. 37 0 0 .3 78 G 1 .5 0 n/ a 0. 05 9 n/ a H 1 .5 0 1.6 0 0. 05 9 0 .0 62
F
D C E B A
G
H
R E E L D IM E N S I O N S F O R 1 4 SO IC N M etr ic Im p er i al Co d e M in M ax M in M ax A 32 9. 60 3 30 .2 5 1 2 .9 76 13 .0 0 1 B 20 .9 5 2 1. 45 0. 82 4 0 .8 44 C 12 .8 0 1 3. 20 0. 50 3 0 .5 19 D 1 .9 5 2.4 5 0. 76 7 0 .0 96 E 98 .0 0 1 02 .0 0 3. 85 8 4 .0 15 F n /a 2 2. 40 n /a 0 .8 81 G 18 .5 0 2 1. 10 0. 72 8 0 .8 30 H 16 .4 0 1 8. 40 0. 64 5 0 .7 24
www.irf.com
22
IRS2181/IRS21814(S)PbF
LEADFREE PART MARKING INFORMATION
Part number
S IRxxxxxx
Date code
YWW? ?XXXX
IR logo
Pin 1 Identifier ? P MARKING CODE Lead Free Released Non-Lead Free Released
Lot Code (Prod mode - 4 digit SPN code)
Assembly site code Per SCOP 200-002
ORDER INFORMATION
8-Lead PDIP IRS2181PbF 8-Lead SOIC IRS2181SPbF 8-Lead SOIC Tape & Reel IRS2181STRPbF 14-Lead PDIP IRS21814PbF 14-Lead SOIC IRS21814SPbF 14-Lead SOIC Tape & Reel IRS21814STRPbF
The SOIC-8 is MSL2 qualified. The SOIC-14 is MSL3 qualified. This product has been designed and qualified for the industrial level. Qualification standards can be found at www.irf.com . IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 11/27/2006
www.irf.com
23


▲Up To Search▲   

 
Price & Availability of IRS2181PBFIRS2181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X